PART |
Description |
Maker |
MAX4003 MAX4003EBL-T MAX4003ETA-T MAX4003EUA |
100MHz to 2500MHz, 45dB RF Detector in a UCSP
|
Maxim Integrated Products, Inc. MAXIM[Maxim Integrated Products] MAXIM - Dallas Semiconductor
|
R1005300L |
Si Reverse, low current, 5 - 100MHz, 30.8dB typ. Gain @ 100MHz, 140mA max. @ 24VDC
|
PDI[PREMIER DEVICES, INC.]
|
HA3-2625-5 HA9P2625-5 HA9P2625-9 HA-2620 HA-2625 H |
From old datasheet system 100MHz High Input Impedance Very Wideband Uncompensated Operational Amplifiers 100MHz/ High Input Impedance/ Very Wideband/ Uncompensated Operational Amplifiers INDUCTOR PWR TOROID 2.5UH SMD 100MHz, High Input Impedance, Very Wideband, Uncompensated Operational Amplifiers OP-AMP, 7000 uV OFFSET-MAX, 100 MHz BAND WIDTH, PDSO8
|
INTERSIL[Intersil Corporation] Intersil, Corp.
|
JXWBVCO-TE-1200-1400 JXWBVCO-TD-1050-1200 JXWBVCO- |
Voltage Controlled Oscillators 4 to 2500MHz
|
American Accurate Components, Inc.
|
ARX1212 ARX1006 ARX1009 |
RF RELAY, SPDT, LATCHED, 0.033A (COIL), 12VDC (COIL), 400mW (COIL), 0.5A (CONTACT), 30VDC (CONTACT), 2500MHz, 20W (RF INPUT), THROUGH HOLE-STRAIGHT MOUNT RF RELAY, SPDT, MOMENTARY, 0.033A (COIL), 6VDC (COIL), 200mW (COIL), 0.5A (CONTACT), 30VDC (CONTACT), 2500MHz, 20W (RF INPUT), THROUGH HOLE-STRAIGHT MOUNT RF RELAY, SPDT, MOMENTARY, 0.022A (COIL), 9VDC (COIL), 200mW (COIL), 0.5A (CONTACT), 30VDC (CONTACT), 2500MHz, 20W (RF INPUT), THROUGH HOLE-STRAIGHT MOUNT
|
|
JXMBGF-T-2-800-2500 JXMBGF-T-3-800-2500 JXMBGF-T-4 |
Microstrip Power Divider 800 to 2500MHz
|
American Accurate Components, Inc.
|
ZAMP002H6TA ZAMP002H6TC ZAMP002 |
800-2500MHz MMIC WIDEBAND AMPLIFIER
|
ZETEX[Zetex Semiconductors]
|
JXMBGF-T-2-800-2500-C JXMBGF-T-3-800-2500-C JXMBGF |
Air Dielectric Power Divider 800 to 2500MHz
|
American Accurate Components, Inc.
|
LTC4400-1ES6 LTC4400-2EMS8 LTC4400-1 LTC4400-2 LTC |
RF Power Controllers with 450kHz Loop BW and 45dB Dynamic Range; Package: MSOP; No of Pins: 8; Temperature Range: -40°C to 125°C SPECIALTY TELECOM CIRCUIT, PDSO8 RF Power Controllers with 450kHz Loop BW and 45dB Dynamic Range; Package: SOT; No of Pins: 6; Temperature Range: -40°C to 125°C SPECIALTY TELECOM CIRCUIT, PDSO6
|
LINER[Linear Technology] Linear Technology Corporation Linear Technology, Corp.
|
MAX2640AUTT MAX2640EUTT MAX2640EUT-T MAX2641EUTT M |
300MHz to 2500MHz SiGe Ultra-Low-Noise Amplifiers
|
Maxim Integrated Products
|
TFSC06054125-2120A1X |
Thin-Film Directional Coupler For 2400-2500MHz / 5150-5850MHz
|
TDK Electronics
|